PART |
Description |
Maker |
LT1764ETPBF LT1764EFE-2.5TR LT1764EQPBF 1764EFE15 |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MUR805 MUR820 MUR840 |
(MUR805 - MUR840) 8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts 8 Amp S uper Fast Glass Passivated R ec tif ie r 50 to 400 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AC
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
AD841SH_883B AD841SQ_883B AD841SE AD841JH AD841JN |
Wideband, Unity-Gain Stable,Fast Settling Op Amp(宽带,固定单位增益,快速运 Wideband/ Unity-Gain Stable/ Fast Settling Op Amp Wideband, Unity-Gain Stable, Fast Settling Op Amp
|
Analog Devices, Inc. AD[Analog Devices]
|
PM7543FPC AD7543TQ/883B PM7543BRC/883 AD7543SE/883 |
12-Bit Digital-to-Analog Converter 1.5A, Low Noise, Fast Transient Response LDO Regulators; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 125°C 12位数字到模拟转换
|
Omron Electronics LLC Industrial Automation
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
CMR3U-01M CMR3U-10M CMR3U-02M CMR3U-04M CMR3U-06M |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS SMD Ultra Fast Rectifier Single
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
1N5806US 1N5805US JAN1N5802 JAN1N5802US JAN1N5803 |
RECTIFIERS HIGH EFFICIENCY, ESP, 2.5 AMP TO 20 AMP ULTRA FAST MILITARY RECTIFIERS MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP RECTIFIERS HIGH EFFICIENCY ESP 2.5 AMP TO 20 AMP
|
MICROSEMI[Microsemi Corporation]
|
1F4 1A4 |
1.0 AMP FAST RECOVERY RECTIFIERS 1.0 AMP SILICON RECTIFIERS
|
UNIOHM CORPORATION
|